| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC56EL70L3 Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL70L3 Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 128 page ![]() Package pinouts and signal descriptions SPC56EL70L3, SPC56EL70L5,PC564L70L3, 42/128 DocID023953 Rev 5 95 A[13] SIUL GPIO[13] GPIO[13] FlexPWM_0 B[2] B[2] DSPI_2 — SIN FlexPWM_0 — FAULT[0] SIUL — EIRQ[12] 96 B[6] SIUL GPIO[22] GPIO[22] MC_CGM clk_out — DSPI_2 CS2 — SIUL — EIRQ[18] 97 FCCU_F[1] FCCU F[1] F[1] 98 C[6] SIUL GPIO[38] GPIO[38] DSPI_0 SOUT — FlexPWM_0 B[1] B[1] SSCM DEBUG[6] — SIUL — EIRQ[24] 99 A[14] SIUL GPIO[14] GPIO[14] FlexCAN_1 TXD — eTimer_1 ETC[4] ETC[4] SIUL — EIRQ[13] 100 A[15] SIUL GPIO[15] GPIO[15] eTimer_1 ETC[5] ETC[5] FlexCAN_1 — RXD FlexCAN_0 — RXD SIUL — EIRQ[14] 1. VPP_TEST should always be tied to ground (VSS) for normal operations. Table 4. LQFP144 pin function summary Pin # Port/function Peripheral Output function Input function 1NMI — 2A[6] SIUL GPIO[6] GPIO[6] DSPI_1 SCK SCK SIUL — EIRQ[6] Table 3. LQFP100 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |