| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC56EL70L3 Fiches technique(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL70L3 Fiches technique(HTML) 38 Page - STMicroelectronics |
|
38 / 128 page ![]() Package pinouts and signal descriptions SPC56EL70L3, SPC56EL70L5,PC564L70L3, 38/128 DocID023953 Rev 5 51 A[0] SIUL GPIO[0] GPIO[0] eTimer_0 ETC[0] ETC[0] DSPI_2 SCK SCK SIUL — EIRQ[0] 52 A[1] SIUL GPIO[1] GPIO[1] eTimer_0 ETC[1] ETC[1] DSPI_2 SOUT — SIUL — EIRQ[1] 53 D[10] SIUL GPIO[58] GPIO[58] FlexPWM_0 A[0] A[0] eTimer_0 — ETC[0] 54 D[11] SIUL GPIO[59] GPIO[59] FlexPWM_0 B[0] B[0] eTimer_0 — ETC[1] 55 C[11] SIUL GPIO[43] GPIO[43] eTimer_0 ETC[4] ETC[4] DSPI_2 CS2 — 56 C[12] SIUL GPIO[44] GPIO[44] eTimer_0 ETC[5] ETC[5] DSPI_2 CS3 — 57 A[2] SIUL GPIO[2] GPIO[2] eTimer_0 ETC[2] ETC[2] FlexPWM_0 A[3] A[3] DSPI_2 — SIN MC_RGM — ABS[0] SIUL — EIRQ[2] 58 B[5] SIUL GPIO[21] GPIO[21] JTAGC — TDI 59 TMS — 60 TCK — 61 B[4] SIUL GPIO[20] GPIO[20] JTAGC TDO — 62 VSS_HV_IO — 63 VDD_HV_IO — Table 3. LQFP100 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |