Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56EL70L3 Fiches technique(PDF) 107 Page - STMicroelectronics

No de pièce SPC56EL70L3
Description  4 KB instruction cache with error detection code
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL70L3 Fiches technique(HTML) 107 Page - STMicroelectronics

Back Button SPC56EL70L3 Datasheet HTML 103Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 104Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 105Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 106Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 107Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 108Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 109Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 110Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 128 page
background image
DocID023953 Rev 5
107/128
SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5
Electrical characteristics
127
Figure 18. Reset sequence start for destructive resets
3.19.4.2
External reset via RESET
Figure 19
shows the voltage thresholds that determine the start of the reset sequences
initiated by the assertion of RESET as specified in Table 32.
Figure 19. Reset sequence start via RESET assertion
TReset, max starts here
TReset, min starts here
Supply Rail
Vmax
t
V
Vmin
Table 33. Voltage thresholds
Variable name
Value
Vmin
Refer to Table 18
Vmax
Refer to Table 18
Supply Rail
VDD_HV_PMU
TReset, max starts here
TReset, min starts here
RESET_B
0.65 * VDD_HV_IO
t
V
0.35 * VDD_HV_IO
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More