Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1817 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 35Page - STMicroelectronics UM1817 Datasheet HTML 36Page - STMicroelectronics UM1817 Datasheet HTML 37Page - STMicroelectronics UM1817 Datasheet HTML 38Page - STMicroelectronics UM1817 Datasheet HTML 39Page - STMicroelectronics UM1817 Datasheet HTML 40Page - STMicroelectronics UM1817 Datasheet HTML 41Page - STMicroelectronics UM1817 Datasheet HTML 42Page - STMicroelectronics UM1817 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
DocID026902 Rev 3
39/58
UM1817
STM32091C-EVAL IO assignment
57
Appendix A
STM32091C-EVAL IO assignment
Table 31. I/O assignment
Pin No.
Pin name
STM32091C-EVAL IO assignment
1
PE2
JOY_LEFT
2
PE3
JOY_RIGHT
3
PE4
JOY_UP
4
PE5
JOY_DOWN
5
PE6
-
6
VBAT
VBAT
7
PC13
TAMPER_KEY
8
PC14-OSC32_IN
OSC32_IN
9
PC15-OSC32_OUT
OSC32_OUT
10
PF9
8x_USART6_TX
11
PF10
8x_USART6_RX
12
PF0-OSC_IN
OSC_IN
13
PF1-OSC_OUT
OSC_OUT
14
NRST
NRST
15
PC0
Potentiometer
16
PC1
Smartcard_1V8
17
PC2
Smartcard_3/5V
18
PC3
Smartcard_OFF
19
PF2
8x_USART7_TX
20
VSSA
VSSA
21
VDDA
VDDA
22
PF3
8x_USART7_RX
23
PA0
JOY_SEL
24
PA1
LDR_IN A
25
PA2
Smartcard_IO
26
PA3
Smartcard_RST
27
VSS_3
-
28
VDD_3
-
29
PA4
Audio_OUT_LEFT
30
PA5
Aduio_OUT_RIGHT
31
PA6
Audio_IN
32
PA7
Smartcard_CMDVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58