| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1817 Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1817 Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 58 page ![]() Connectors UM1817 30/58 DocID026902 Rev 3 37 PB8 EX_RESET Remove R13 39 GND - - 41 PE1 LED2 Remove R164 43 PE3 JOY_RIGHT Remove R189 45 PF9 8xUSART6_TX No Jumper mounted on CN1 47 PF10 8xUSART6_RX No Jumper mounted on CN1 49 PC1 SmartCard_1.8V Remove R140 51 PE4 JOY_UP Remove R187 2PD15 - - 4 PC6 IR_IN Remove R161 6 PC8 8xUSART8_TX No Jumper mounted on CN1 8PA8 - - 10 GND - - 12 PA11 USART1_CTS Remove R68 14 PA13 SWDAT Remove R59 16 PF6 - - 18 PA15 - 20 PC10 8xUSART4_TX No Jumper mounted on CN1 22 PC12 USART5_TX Remove R125 24 PD1 CAN_TX Remove R40 26 PD3 - - 28 PD5 8xUSART2_TX No Jumper mounted on CN1 30 GND - - 32 PB3 8xUSART5_TX No Jumper mounted on CN1 34 PB5 TempSensor_INT Remove R3 36 PB7 I2C1_SDA Remove R5,R21,R32,R31 38 PB9 IR_OUT Remove R113 40 PE0 LED1 Remove R165 42 PE2 JOY_LEFT Remove R186 44 PE6 - - 46 PC0 Potentiometer Remove R190 48 +3V3 - - 50 GND - - 52 PE5 JOY_DOWN Remove R184 Table 22. Daughterboard extension connector CN6 (continued) Pin Description Alternative function How to disconnect with function block on the STM32091C-EVAL board |