Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1817 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 9Page - STMicroelectronics UM1817 Datasheet HTML 10Page - STMicroelectronics UM1817 Datasheet HTML 11Page - STMicroelectronics UM1817 Datasheet HTML 12Page - STMicroelectronics UM1817 Datasheet HTML 13Page - STMicroelectronics UM1817 Datasheet HTML 14Page - STMicroelectronics UM1817 Datasheet HTML 15Page - STMicroelectronics UM1817 Datasheet HTML 16Page - STMicroelectronics UM1817 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
DocID026902 Rev 3
13/58
UM1817
Hardware layout and configuration
57
If this order is not respected, the board may be powered by VBUS first then E5V or D5V,
and the following risks may be encountered:
1.
If more than 300 mA current is needed by the board, the PC may be damaged or
current can be limited by PC. As a consequence the board is not powered correctly.
2.
300 mA is requested at enumeration (since JP18 must be OFF), so there is risk that the
request is rejected and the enumeration does not succeed if the PC cannot provide
such current. Consequently the board is not powered (LED LD5 remains OFF).
Note:
In case the board is powered by a USB charger, there is no USB enumeration, so the led
LD5 remains set to OFF permanently and the board is not powered. Only in this specific
case the jumper JP18 needs to be set to ON, to allow the board to be powered anyway.
Figure 6 helps to understand the structure of the power source on the evaluation board.
Figure 6. Structure of the power source
The power source is selected by setting the related jumpers JP15, JP7 and JP10 as
described in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58