| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETV6446AINZWT8 Fiches technique(PDF) 78 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV6446AINZWT8 Fiches technique(HTML) 78 Page - Texas Instruments |
|
78 / 227 page ![]() TMS320DM6446 SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010 www.ti.com 3.5.6.5 VLYNQ, EMIFA, and GPIO Pin Multiplexing Table 3-23 and Table 3-24 show the VLYNQ pin control and multiplexing. If VLYNQ is disabled (VLYNQEN=0), the AECS5 and AECS4 bits select between the GPIO[8] / EMIFA EM_CS5 and GPIO[9] / EMIFA EM_CS4 functions, and the AEAW field determines the partitioning between GPIO and the upper EMIFA address pins. If VLYNQ is enabled (VLYNQEN=1), VLYNQ_CLOCK, VLYNQ_TXD0, and VLYNQ_RXD0 are always selected. The VLYNQ_SCRUN function is only enabled if VLYNQEN=1 and VLSCREN=1 (VLSCREN overrides AECS4). The remaining VLYNQ TX/RX pins are selected based on the VLYNQWD value. Unselected VLYNQ TX/RX pins will function as either GPIO or EMIFA address based on the AEAW value. Table 3-23. VLYNQ Control, EMIFA, and GPIO Pin Multiplexing PINMUX0 REGISTER BIT FIELDS MULTIPLEXED PINS EM_CS5/ EM_CS4/ VLYNQEN VLSCREN AECS5 AECS4 GPIO[8]/ GPIO[9]/ VLYNQ_CLOCK VLYNQ_SCRUN 0 - 0 0 GPIO[8] GPIO[9] 0 - 0 1 GPIO[8] EM_CS4 0 - 1 0 EM_CS5 GPIO[9] 0 - 1 1 EM_CS5 EM_CS4 1 0 - 0 VLYNQ_CLOCK GPIO[9] 1 0 - 1 VLYNQ_CLOCK EM_CS4 1 1 - - VLYNQ_CLOCK VLYNQ_SCRUN Table 3-24. VLYNQ Data, EMIFA, and GPIO Pin Multiplexing PINMUX0 REGISTER MULTIPLEXED PINS BIT FIELDS EM_A[21]/ EM_A[20]/ EM_A[19]/ EM_A[18]/ EM_A[17]/ EM_A[16]/ EM_A[15]/ EM_A[14]/ VLYNQEN VLYNQWD GPIO[10]/ GPIO[11]/ GPIO[12]/ GPIO[13]/ GPIO[14]/ GPIO[15]/ GPIO[16]/ GPIO[17]/ VL_TXD0 VL_RXD0 VL_TXD1 VL_RXD1 VL_TXD2 VL_RXD2 VL_TXD3 VL_RXD3 EM_A[21]/ EM_A[20]/ EM_A[19]/ EM_A[18]/ EM_A[17]/ EM_A[16]/ EM_A[15]/ EM_A[14]/ 0 - GPIO[10](1) GPIO[11](1) GPIO[12](1) GPIO[13](1) GPIO[14](1) GPIO[15](1) GPIO[16](1) GPIO[17](1) VL_TXD0 VLRXD0 EM_A[19]/ EM_A[18]/ EM_A[17]/ EM_A[16]/ EM_A[15]/ EM_A[14]/ 1 00 GPIO[12](1) GPIO[13](1) GPIO[14](1) GPIO[15](1) GPIO[16](1) GPIO[17](1) VL_TXD0 VLRXD0 VL_TXD1 VLRXD1 EM_A[17]/ EM_A[16]/ EM_A[15]/ EM_A[14]/ 1 01 GPIO[14](1) GPIO[15](1) GPIO[16](1) GPIO[17](1) VL_TXD0 VLRXD0 VL_TXD1 VLRXD1 VL_TXD2 VLRXD2 EM_A[15]/ EM_A[14]/ 1 10 GPIO[16](1) GPIO[17](1) 1 11 VL_TXD0 VLRXD0 VL_TXD1 VLRXD1 VL_TXD2 VLRXD2 VL_TXD3 VLRXD3 (1) This pin shares GPIO functionality set by AEAW[4:0] as shown in Table 3-9. 78 Device Configurations Copyright © 2005–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM6446 |