Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TNETV6446AINZWT8 Fiches technique(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
No de pièce TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Fiches technique(HTML) 33 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 29Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 30Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 31Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 32Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 33Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 34Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 35Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 36Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Table 2-9. EMIFA Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
EMIFA FUNCTIONAL PINS: NAND / SMARTMEDIA / xD
EM_A[1]/
This pin is multiplexed between EMIFA and HPI.
(ALE)/
J2
I/O/Z
DVDD18
For NAND/SmartMedia/xD, it is Address Latch Enable output (ALE).
HHWIL
EM_A[2]/
This pin is multiplexed between EMIFA and HPI.
(CLE)/
J1
I/O/Z
DVDD18
For NAND/SmartMedia/xD, this pin is the Command Latch Enable output (CLE).
HCNTL0
EM_WAIT/
(RDY/BSY)/
IPU
This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI.
F1
I/O/Z
IORDY/
DVDD18
For NAND/SmartMedia/xD, it is ready/busy input (RDY/BSY).
HRDY
EM_OE/
( RE )/
This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI.
( IORD )/
H4
I/O/Z
DVDD18
For NAND/SmartMedia/xD, it is read enable output (RE).
DIOR/
HDS1
EM_WE
(WE)
This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI.
(IOWR)/
G2
I/O/Z
DVDD18
For NAND/SmartMedia/xD, it is write enable output (WE).
DIOW/
HDS2
This pin is multiplexed between EMIFA and HPI.
EM_CS2/
For EMIFA, this pin is Chip Select 2 output EM_CS2 for use with asynchronous
C2
I/O/Z
DVDD18
HCS
memories (i.e. NOR flash) or NAND flash. This is the chip select for the default boot
and ROM boot modes.
For EMIFA, this pin is Chip Select 3 output EM_CS3 for use with asynchronous
EM_CS3
B1
I/O/Z
DVDD18
memories (i.e. NOR flash) or NAND flash.
EM_CS4/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ. For EMIFA, it is Chip
GPIO9/
T2
I/O/Z
DVDD18
Select 4 output EM_CS4 for use with asynchronous memories (i.e., NOR flash) or
VLYNQ_SCRUN
NAND flash.
EM_CS5/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ. For EMIFA, it is Chip
GPIO8/
T1
I/O/Z
DVDD18
Select 5 output EM_CS5 for use with asynchronous memories (i.e., NOR flash) or
VLYNQ_CLOCK
NAND flash.
Copyright © 2005–2010, Texas Instruments Incorporated
Device Overview
33
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More