| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETV6446AINZWT8 Fiches technique(PDF) 32 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV6446AINZWT8 Fiches technique(HTML) 32 Page - Texas Instruments |
|
32 / 227 page ![]() TMS320DM6446 SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010 www.ti.com Table 2-9. EMIFA Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION NAME NO. EM_D0/ DD0/ E5 I/O/Z DVDD18 HD0 EM_D1/ DD1/ D3 I/O/Z DVDD18 HD1 EM_D2/ DD2/ F5 I/O/Z DVDD18 HD2 EM_D3/ DD3/ E3 I/O/Z DVDD18 HD3 EM_D4/ DD4/ E4 I/O/Z DVDD18 HD4 EM_D5/ DD5/ D2 I/O/Z DVDD18 HD5 EM_D6/ DD6/ F4 I/O/Z DVDD18 HD6 EM_D7/ DD7/ C1 I/O/Z DVDD18 These pins are multiplexed between EMIFA (NAND), ATA/CF, and HPI. In all cases HD7 they are used as a 16 bit bi-directional data bus. EM_D8/ For EMIFA (NAND), these are EM_D[15:0]. DD8/ F3 I/O/Z DVDD18 HD8 EM_D9/ DD9/ E2 I/O/Z DVDD18 HD9 EM_D10/ DD10/ G5 I/O/Z DVDD18 HD10 EM_D11/ DD11/ G4 I/O/Z DVDD18 HD11 EM_D12/ DD12/ D1 I/O/Z DVDD18 HD12 EM_D13/ DD13/ F2 I/O/Z DVDD18 HD13 EM_D14/ DD14/ H5 I/O/Z DVDD18 HD14 EM_D15/ DD15/ E1 I/O/Z DVDD18 HD15 32 Device Overview Copyright © 2005–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM6446 |