Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TNETV6446AINZWT8 Fiches technique(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
No de pièce TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Fiches technique(HTML) 34 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 30Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 31Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 32Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 33Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 34Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 35Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 36Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 37Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 2-9. EMIFA Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
EM_D0/
DD0/
E5
I/O/Z
DVDD18
HD0
EM_D1/
DD1/
D3
I/O/Z
DVDD18
HD1
EM_D2/
DD2/
F5
I/O/Z
DVDD18
HD2
EM_D3/
DD3/
E3
I/O/Z
DVDD18
HD3
EM_D4/
DD4/
E4
I/O/Z
DVDD18
HD4
EM_D5/
DD5/
D2
I/O/Z
DVDD18
HD5
EM_D6/
DD6/
F4
I/O/Z
DVDD18
HD6
EM_D7/
DD7/
C1
I/O/Z
DVDD18
These pins are multiplexed between EMIFA (NAND), ATA/CF, and HPI. In all cases
HD7
they are used as a 16 bit bi-directional data bus.
EM_D8/
For EMIFA (NAND), these are EM_D[15:0].
DD8/
F3
I/O/Z
DVDD18
HD8
EM_D9/
DD9/
E2
I/O/Z
DVDD18
HD9
EM_D10/
DD10/
G5
I/O/Z
DVDD18
HD10
EM_D11/
DD11/
G4
I/O/Z
DVDD18
HD11
EM_D12/
DD12/
D1
I/O/Z
DVDD18
HD12
EM_D13/
DD13/
F2
I/O/Z
DVDD18
HD13
EM_D14/
DD14/
H5
I/O/Z
DVDD18
HD14
EM_D15/
DD15/
E1
I/O/Z
DVDD18
HD15
34
Device Overview
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More