Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STNRGPF01 Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STNRGPF01
Description  Inrush current control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF01 Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STNRGPF01 Datasheet HTML 30Page - STMicroelectronics STNRGPF01 Datasheet HTML 31Page - STMicroelectronics STNRGPF01 Datasheet HTML 32Page - STMicroelectronics STNRGPF01 Datasheet HTML 33Page - STMicroelectronics STNRGPF01 Datasheet HTML 34Page - STMicroelectronics STNRGPF01 Datasheet HTML 35Page - STMicroelectronics STNRGPF01 Datasheet HTML 36Page - STMicroelectronics STNRGPF01 Datasheet HTML 37Page - STMicroelectronics STNRGPF01 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Electrical characteristics
STNRGPF01
34/40
DocID030377 Rev 2
5.5.2
Static latch-up
Two complementary static tests are required on 10 parts to assess the latch-up
performance.
A supply overvoltage (applied to each power supply pin) and a current injection (applied to
each input, output and configurable I/O pin) are performed on each sample. This test
conforms to the EIA/JESD78 IC latch-up standard.
Table 17. Electrical sensitivity
Symbol
Parameter
Conditions
Level
LU
Static latch-up class
TA = 105 °C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40