| Moteur de recherche de fiches techniques de composants électroniques |
|
STNRGPF01 Fiches technique(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STNRGPF01 Fiches technique(HTML) 26 Page - STMicroelectronics |
|
26 / 40 page ![]() Electrical characteristics STNRGPF01 26/40 DocID030377 Rev 2 5.3.1 VCOUT external capacitor The stabilization of the main regulator is achieved by connecting an external capacitor CVCOUT(a) to the VCOUT pin. CVCOUT is specified in Table 7: General operating conditions. Care should be taken to limit the series inductance to less than 15 nH. Figure 17. External capacitor CVCOUT 5.3.2 Supply current characteristics The STNRGPF01 current consumption is declared based on, for example, an application where the application firmware is loaded and running. a. ESR is the equivalent series resistance and ESL is the equivalent inductance. Table 9. Supply current characteristics Symbol Parameter Test condition Min. Typ.(1) 1. Test conditions: Data based on characterization results not tested in production. Temperature operating: TA = 25 °C. Device in the run mode. Max.(1) Unit VDD/VDDA SECTION: current consumption IDD(RUN) Total current consumption VDD/VDDA = 5 V - 28 34 mA |