Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STNRGPF01 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STNRGPF01
Description  Inrush current control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF01 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STNRGPF01 Datasheet HTML 2Page - STMicroelectronics STNRGPF01 Datasheet HTML 3Page - STMicroelectronics STNRGPF01 Datasheet HTML 4Page - STMicroelectronics STNRGPF01 Datasheet HTML 5Page - STMicroelectronics STNRGPF01 Datasheet HTML 6Page - STMicroelectronics STNRGPF01 Datasheet HTML 7Page - STMicroelectronics STNRGPF01 Datasheet HTML 8Page - STMicroelectronics STNRGPF01 Datasheet HTML 9Page - STMicroelectronics STNRGPF01 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
STNRGPF01 control architecture
STNRGPF01
6/40
DocID030377 Rev 2
Thus the master PWM signal is generated by comparing the analog PI output Vctrl and
a triangular wave Vtriang at switching frequency. Finally, an interleaving operation is
performed and three 120° phase-shifted PWM signals (180° for two channels only) drive the
three power switches.
Moreover, the digital section includes the input voltage and load feed-forward for fast
transient response when the main voltage changes suddenly or a load step current occurs,
preventing large over or undervoltage on the output capacitor Cout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40