| Moteur de recherche de fiches techniques de composants électroniques |
|
STNRGPF01 Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STNRGPF01 Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 40 page ![]() Pinout and pin description STNRGPF01 20/40 DocID030377 Rev 2 19 OP SIN_REF This pin generates a PWM signal with the sinusoidal duty cycle. This PWM signal must be filtered in order to have the current sinusoidal reference that is synchronized with input voltage mains. 20 O FAN It generates a CMOS/TTL signal that is low until the PFC output power is below a threshold defined during device customization. 21 O RELAY It generates a CMOS/TTL signal. This signal becomes high after a settable time defined during device customization. It is useful to perform the inrush current limiter function. 22 O PTX Programming data transmit 23 I PRX Programming data receive 24 AI OUT_PI[3] Positive input of the internal analog comparator 3. It receives the out of the analog PI current. 25 AI OUT_PI[2] Positive input of the internal analog comparator 3. It receives the out of the analog PI current. 26 AI TRIANG REF Negative input analog comparators 3 and 2. It receives the voltage triangular waveform. 27 AI OCP[0] Input overcurrent protection 28 AI OCP[1] Inductor overcurrent protection 29 PS VDDA Analog supply voltage 30 PS VSSA Analog ground 31 MI VIN This pin measures the RMS input voltage. 32 MI TEMP This pin measures the ambient board temperature. This measurement is performed using the STLM20 device, which gives an output voltage proportional to temperature. 33 MI IOUT This pin measures the PFC output current. 34 MI VOUT This pin measures the PFC output voltage. 35 RI RI[1] Reserved. This pin must be pulled down by means a 10 k resistor. 36 RI RI[2] Reserved. This pin must be pulled down by means a 10 k resistor. 37 RI RI[3] Reserved. This pin must be pulled down by means a 10 k resistor. 38 RI RI[4] Reserved. This pin must be pulled down by means a 10 k resistor. 1. In Table 3 a legend describing pin type is provided. Table 2. Pin description (continued) No. Type(1) Name Pin description |