Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGAP1S Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce STGAP1S
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1S Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button STGAP1S Datasheet HTML 38Page - STMicroelectronics STGAP1S Datasheet HTML 39Page - STMicroelectronics STGAP1S Datasheet HTML 40Page - STMicroelectronics STGAP1S Datasheet HTML 41Page - STMicroelectronics STGAP1S Datasheet HTML 42Page - STMicroelectronics STGAP1S Datasheet HTML 43Page - STMicroelectronics STGAP1S Datasheet HTML 44Page - STMicroelectronics STGAP1S Datasheet HTML 45Page - STMicroelectronics STGAP1S Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
Functional description
STGAP1S
42/67
DocID027190 Rev 3
7.15
Register corruption protection
All the configuration registers are protected against content corruption.
If the value of a local register is changed without a proper command is received (WriteReg,
ResetStatus or GlobalReset), the REGERRL flag is set low and the device is forced in “safe
state”.
If the value of a remote register is changed without a proper command is received
(WriteReg or GlobalReset), the REGERRR flag is set low and the device is forced in “safe
state”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67