Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGAP1S Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce STGAP1S
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1S Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button STGAP1S Datasheet HTML 24Page - STMicroelectronics STGAP1S Datasheet HTML 25Page - STMicroelectronics STGAP1S Datasheet HTML 26Page - STMicroelectronics STGAP1S Datasheet HTML 27Page - STMicroelectronics STGAP1S Datasheet HTML 28Page - STMicroelectronics STGAP1S Datasheet HTML 29Page - STMicroelectronics STGAP1S Datasheet HTML 30Page - STMicroelectronics STGAP1S Datasheet HTML 31Page - STMicroelectronics STGAP1S Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
Functional description
STGAP1S
28/67
DocID027190 Rev 3
Some examples of the device behavior when the deadtime feature is enabled are shown
from Figure 7 to Figure 10.
Figure 7. Synchronous control signal edges
Figure 8. Control edges signal overlapped, example 1
Figure 9. Control edges signal overlapped, example 2
Figure 10. Control edges signal not overlapped and outside DT (direct control)
When the deadtime function is enabled the STGAP1S reports a “deadtime violation” fault in
case the control unit tries to turn on any of the drivers in one leg during the counting of the
programmed DT time. If such event occurs the DT_ERR flag is set high and latched.
DT
IN-
IN+
GON-GOFF
DT
CONTROL SIGNALS EDGES;
SYNCHRONOUS
DEAD TIME
DT
IN-
IN+
GATE
DT
CONTROL SIGNALS EDGES
OVERLAPPED;
DEAD TIME
DT
DT
IN-
IN+
GON-GOFF
DEAD TIME
DT
CONTROL SIGNALS EDGES
NOT OVERLAPPED,
BUT INSIDE THE DEAD TIME:
DT
IN-
IN+
GON-GOFF
DT
CONTROL SIGNALS EDGES
NOT OVERLAPPED,
OUTSIDE THE DEAD TIME:
DIRECT DRIVING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67