Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGAP1S Fiches technique(PDF) 54 Page - STMicroelectronics

No de pièce STGAP1S
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1S Fiches technique(HTML) 54 Page - STMicroelectronics

Back Button STGAP1S Datasheet HTML 50Page - STMicroelectronics STGAP1S Datasheet HTML 51Page - STMicroelectronics STGAP1S Datasheet HTML 52Page - STMicroelectronics STGAP1S Datasheet HTML 53Page - STMicroelectronics STGAP1S Datasheet HTML 54Page - STMicroelectronics STGAP1S Datasheet HTML 55Page - STMicroelectronics STGAP1S Datasheet HTML 56Page - STMicroelectronics STGAP1S Datasheet HTML 57Page - STMicroelectronics STGAP1S Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 67 page
background image
Programming manual
STGAP1S
54/67
DocID027190 Rev 3
The 2LTOtime parameter sets the duration of the 2-level turn-off sequence (refer to
Section 7.10 on page 33 for details). If the 2LTOtime is set to zero, the 2-level turn-off
feature is disabled.
Table 35. 2LTOth
2LTOth [3 ... 0]
2LTO threshold value [V]
000
0
7.00
000
1
7.50
001
0
8.00
001
1
8.50
010
0
9.00
010
1
9.50
0
1
1
0
10.00
0
1
1
1
10.50
1
0
0
0
11.00
1
0
0
1
11.50
1
0
1
0
12.00
1
0
1
1
12.50
1
1
0
0
13.00
1
1
0
1
13.50
1
1
1
0
14.00
1
1
1
1
14.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67