Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGAP1S Fiches technique(PDF) 63 Page - STMicroelectronics

No de pièce STGAP1S
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1S Fiches technique(HTML) 63 Page - STMicroelectronics

Back Button STGAP1S Datasheet HTML 59Page - STMicroelectronics STGAP1S Datasheet HTML 60Page - STMicroelectronics STGAP1S Datasheet HTML 61Page - STMicroelectronics STGAP1S Datasheet HTML 62Page - STMicroelectronics STGAP1S Datasheet HTML 63Page - STMicroelectronics STGAP1S Datasheet HTML 64Page - STMicroelectronics STGAP1S Datasheet HTML 65Page - STMicroelectronics STGAP1S Datasheet HTML 66Page - STMicroelectronics STGAP1S Datasheet HTML 67Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 63 / 67 page
background image
DocID027190 Rev 3
63/67
STGAP1S
Typical application diagram
67
10
Typical application diagram
Figure 24. Typical application diagram in half-bridge configuration
Refer to Figure 12 on page 32 in the dedicated Section 7.7 on page 31 for the connection of
the VCECLAMP pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67