Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 188 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 188 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 184Page - Microchip Technology PIC18F4331 Datasheet HTML 185Page - Microchip Technology PIC18F4331 Datasheet HTML 186Page - Microchip Technology PIC18F4331 Datasheet HTML 187Page - Microchip Technology PIC18F4331 Datasheet HTML 188Page - Microchip Technology PIC18F4331 Datasheet HTML 189Page - Microchip Technology PIC18F4331 Datasheet HTML 190Page - Microchip Technology PIC18F4331 Datasheet HTML 191Page - Microchip Technology PIC18F4331 Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 396 page
background image
PIC18F2331/2431/4331/4431
DS39616B-page 186
Preliminary
 2003 Microchip Technology Inc.
REGISTER 17-1:
PTCON0: PWM TIMER CONTROL REGISTER 0
REGISTER 17-2:
PTCON1: PWM TIMER CONTROL REGISTER 1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PTOPS3
PTOPS2
PTOPS1
PTOPS0
PTCKPS1 PTCKPS0
PTMOD1
PTMOD0
bit 7
bit 0
bit 7-4
PTOPS3:PTOPS0: PWM Time Base Output Postscale Select bits
0000
=1:1 Postscale
0001
=1:2 Postscale
.
.
.
1111
=1:16 Postscale
bit 3-2
PTCKPS1:PTCKPS0: PWM Time Base Input Clock Prescale Select bits
00
=PWM time base input clock is Fosc/4
(1:1 prescale)
01
=PWM time base input clock is Fosc/16 (1:4 prescale)
10
=PWM time base input clock is Fosc/64 (1:16 prescale)
11
=PWM time base input clock is Fosc/256 (1:64 prescale)
bit 1-0
PTMOD1:PTMOD0: PWM Time Base Mode Select bits
11
=PWM time base operates in a Continuous Up/Down mode with interrupts for double PWM
updates.
10
=PWM time base operates in a Continuous Up/Down Counting mode.
01
=PWM time base configured for Single-shot mode.
00
=PWM time base operates in a Free Running mode.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = bit is cleared
x = bit is unknown
R/W-0
R-0
U-0
U-0
U-0
U-0
U-0
U-0
PTEN
PTDIR
—
—
—
—
—
—
bit 7
bit 0
bit 7
PTEN: PWM Time Base Timer Enable bit
1
= PWM time base is ON
0
= PWM time base is OFF
bit 6
PTDIR: PWM Time Base Count Direction Status bit
1
= PWM time base counts down.
0
= PWM time base counts up.
bit 5-0
Unimplemented: Read as ‘0’.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’= bit is set
‘0’ = bit is cleared
x = bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com