Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 161 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 161 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 157Page - Microchip Technology PIC18F4331 Datasheet HTML 158Page - Microchip Technology PIC18F4331 Datasheet HTML 159Page - Microchip Technology PIC18F4331 Datasheet HTML 160Page - Microchip Technology PIC18F4331 Datasheet HTML 161Page - Microchip Technology PIC18F4331 Datasheet HTML 162Page - Microchip Technology PIC18F4331 Datasheet HTML 163Page - Microchip Technology PIC18F4331 Datasheet HTML 164Page - Microchip Technology PIC18F4331 Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 396 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS39616B-page 159
PIC18F2331/2431/4331/4431
16.0
MOTION FEEDBACK MODULE
The Motion Feedback module is a special-purpose
peripheral designed for motion feedback applications.
Together with the Power Control PWM module (see
Section 17.0 “Power Control PWM Module”), it pro-
vides a variety of control solutions for a wide range of
electric motors.
The module actually consists of two hardware
sub-modules:
• Input Capture module (IC)
•
Quadrature Encoder Interface (QEI).
Together with Timer5 (see Section 14.0 “Timer5 Mod-
ule”), these modules provide a number of options for
motion and control applications.
Many of the features for the IC and QEI submodules
are fully programmable, creating a flexible peripheral
structure that can accommodate a wide range of
in-system uses. An overview of the available features
is presented in Table 16-1. A simplified block diagram
of the entire Motion Feedback module is shown in
Figure 16-1.
TABLE 16-1:
SUMMARY OF MOTION FEEDBACK MODULE FEATURES
Note:
Because the same input pins are common
to the IC and QEI submodules, only one of
these two submodules may be used at any
given time. If both modules are on, the QEI
submodule will take precedence.
Submodule
Mode(s)
Features
Timer
Function
IC (3x)
• Synchronous
• Input Capture
• Flexible input capture modes
• Available prescaler
• Selectable time base reset
• Special event trigger for ADC
sampling/conversion or
optional TMR5 Reset feature
(CAP1 only)
• Wake-up from Sleep function
• Selectable interrupt frequency
• Optional noise filter
TMR5
• 3x Input Capture (edge
capture, pulse width, period
measurement, capture on
change)
• Special event triggers the A/D
conversion on the CAP1 input
QEI
QEI
• Detect position
• Detect direction of rotation
• Large bandwidth (Fcy/16)
• Optional noise filter
16-bit
position
counter
• Position measurement
• Direction of rotation status
Velocity
measurement
• 2x and 4x update modes
• Velocity event postscaler
• Counter overflow flag for low
rotation speed
• Utilizes Input Capture 1 logic
(IC1)
• High and low velocity support
TMR5
• Precise velocity measurement
• Direction of rotation status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com