Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 120 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 120 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 116Page - Microchip Technology PIC18F4331 Datasheet HTML 117Page - Microchip Technology PIC18F4331 Datasheet HTML 118Page - Microchip Technology PIC18F4331 Datasheet HTML 119Page - Microchip Technology PIC18F4331 Datasheet HTML 120Page - Microchip Technology PIC18F4331 Datasheet HTML 121Page - Microchip Technology PIC18F4331 Datasheet HTML 122Page - Microchip Technology PIC18F4331 Datasheet HTML 123Page - Microchip Technology PIC18F4331 Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 396 page
background image
PIC18F2331/2431/4331/4431
DS39616B-page 118
Preliminary
 2003 Microchip Technology Inc.
10.3
PORTC, TRISC and LATC
Registers
PORTC is an 8-bit wide, bidirectional port. The corre-
sponding Data Direction register is TRISC. Setting a
TRISC bit (= 1) will make the corresponding PORTC
pin an input (i.e., put the corresponding output driver in
a High-Impedance mode). Clearing a TRISC bit (= 0)
will make the corresponding PORTC pin an output (i.e.,
put the contents of the output latch on the selected pin).
The Data Latch register (LATC) is also memory
mapped. Read-modify-write operations on the LATC
register read and write the latched output value for
PORTC.
PORTC is multiplexed with several peripheral functions
(Table 10-5). The pins have Schmitt Trigger input
buffers.
When enabling peripheral functions, care should be
taken in defining TRIS bits for each PORTC pin. Some
peripherals override the TRIS bit to make a pin an output,
while other peripherals override the TRIS bit to make a
pin an input. The user should refer to the corresponding
peripheral section for the correct TRIS bit settings.
The contents of the TRISC register are affected by
peripheral overrides. Reading TRISC always returns
the current contents, even though a peripheral device
may be overriding one or more of the pins.
External interrupts, IN0, INT1 and INT2, are placed on
RC3, RC4 and RC5 respectively.
SSP alternate interface pins, SDI/SDA, SCK/SCL and
SDO are placed on RC4, RC5, and RC7 pins respec-
tively.
These pins are multiplexed on PORTC and PORTD by
using the SSPMX bit in the CONFIG3L register.
USART pins RX/DT and TX/CK are placed on RC7 and
RC6 respectively.
The alternate Timer5 external clock input, T5CKI, and
the alternate TMR0 external clock input, T0CKI, are
placed on RC3 and are multiplexed with the PORTD
(RD0) pin using the EXCLKMX configuration bit in
CONFIG3L. Fault inputs to the 14-bit PWM module,
FLTA and FLTB, are located on RC1 and RC2. FLTA
input on RC1 is multiplexed with RD4 using the
FLTAMX bit.
EXAMPLE 10-3:
INITIALIZING PORTC
FIGURE 10-13:
BLOCK DIAGRAM OF RC0
Note:
On a Power-on Reset, these pins are
configured as digital inputs.
CLRF
PORTC
; Initialize PORTC by
; clearing output
; data latches
CLRF
LATC
; Alternate method
; to clear output
; data latches
MOVLW
0xCF
; Value used to
; initialize data
; direction
MOVWF
TRISC
; Set RC<3:0> as inputs
; RC<5:4> as outputs
; RC<7:6> as inputs
Data Bus
WR LATC
WR TRISC
Data Latch
TRIS Latch
RD TRISC
Schmitt
Trigger
Q
D
Q
CK
QD
EN
Q
D
Q
CK
P
N
VDD
VSS
RD PORTC
T1 OSC EN
T1 Clock Input
RC0 Pin
or
PORTC
RD LATC
To RC1 Pin
Timer1
Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com