Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 391 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 391 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 387Page - Microchip Technology PIC18F4331 Datasheet HTML 388Page - Microchip Technology PIC18F4331 Datasheet HTML 389Page - Microchip Technology PIC18F4331 Datasheet HTML 390Page - Microchip Technology PIC18F4331 Datasheet HTML 391Page - Microchip Technology PIC18F4331 Datasheet HTML 392Page - Microchip Technology PIC18F4331 Datasheet HTML 393Page - Microchip Technology PIC18F4331 Datasheet HTML 394Page - Microchip Technology PIC18F4331 Datasheet HTML 395Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 396 page
background image
 2003 Microchip Technology Inc.
DS39616B-page 389
PIC18F2331/2431/4331/4431
Example SPI Master Mode (CKE = 0) ..................... 361
Example SPI Master Mode (CKE = 1) ..................... 362
Example SPI Slave Mode (CKE = 0) ....................... 363
Example SPI Slave Mode (CKE = 1) ....................... 364
External Clock (All Modes except PLL) .................... 355
Fail-Safe Clock Monitor ............................................ 282
I2C Bus Data ............................................................ 365
I2C Bus Start/Stop Bits ............................................. 365
I2C Reception (7-bit Address) .................................. 219
I2C Transmission (7-bit Address) ............................. 219
Low-Voltage Detect .................................................. 264
Low-Voltage Detect Characteristics ......................... 352
Master SSP I2C Bus Data ........................................ 367
Master SSP I2C Bus Start/Stop Bits ........................ 367
PWM Output ............................................................ 156
Reset, Watchdog Timer (WDT), Oscillator Start-up
Timer (OST), Power-up Timer (PWRT) ........... 358
Send Break Character Sequence ............................ 236
Slow Rise Time (MCLR Tied to VDD,
VDD Rise > TPWRT) ............................................ 55
SPI Mode (Master Mode) ......................................... 215
SPI Mode (Slave Mode with CKE = 0) ..................... 215
SPI Mode (Slave Mode with CKE = 1) ..................... 216
Synchronous Reception (Master Mode, SREN) ...... 239
Synchronous Transmission ...................................... 237
Synchronous Transmission (Through TXEN) .......... 238
Time-out Sequence on POR w/PLL Enabled
(MCLR Tied to VDD) ........................................... 55
Time-out Sequence on Power-up (MCLR Not
Tied to VDD): Case 1 .......................................... 54
Time-out Sequence on Power-up (MCLR Not
Tied to VDD): Case 2 .......................................... 54
Time-out Sequence on Power-up (MCLR
Tied to VDD, VDD Rise < TPWRT) ........................ 54
Timer0 and Timer1 External Clock .......................... 359
Transition for Entry to SEC_IDLE Mode .................... 36
Transition for Entry to SEC_RUN Mode .................... 38
Transition for Entry to Sleep Mode ............................ 34
Transition for Two-Speed Start-up
(INTOSC to HSPLL) ......................................... 280
Transition for Wake from RC_RUN Mode
(RC_RUN to NFP) ............................................. 37
Transition for Wake from SEC_RUN Mode
(Secondary Clock to HSPLL) ............................. 36
Transition for Wake from Sleep (HSPLL) ................... 34
Transition Timing For Wake From PRI_IDLE Mode ... 35
Transition Timing to PRI_IDLE Mode ........................ 35
Transition to RC_IDLE Mode ..................................... 37
Transition to RC_RUN Mode ..................................... 39
USART Synchronous Receive ( Master/Slave) ........ 369
USART SynchronousTransmission
(Master/Slave) .................................................. 369
Timing Diagrams and Specifications ................................ 355
Capture/Compare/PWM Requirements ................... 360
CLKO and I/O Requirements ................................... 357
DC Characteristics - Internal RC Accuracy .............. 356
Example SPI Mode Requirements
(Master Mode, CKE = 0) .................................. 361
Example SPI Mode Requirements
(Master Mode, CKE = 1) .................................. 362
Example SPI Mode Requirements
(Slave Mode, CKE = 0) .................................... 363
Example SPI Slave Mode Requirements
(CKE = 1) ......................................................... 364
External Clock Requirements .................................. 355
I2C Bus Data Requirements (Slave Mode) .............. 366
Master SSP I2C Bus Data Requirements ................ 368
Master SSP I2C Bus Start/Stop Bits
Requirements .................................................. 367
PLL Clock ................................................................ 356
RESET, Watchdog Timer, Oscillator Start-up
Timer, Power-up Timer and Brown-out
Reset Requirements ........................................ 358
Timer0 and Timer1 External Clock Requirements ... 359
USART Synchronous Receive Requirements ......... 369
USART Synchronous Transmission
Requirements .................................................. 369
Top-of-Stack Access .......................................................... 58
TSTFSZ ........................................................................... 328
Two-Speed Start-up ..................................................267, 279
Two-Word Instructions
Example Cases .......................................................... 62
TXSTA Register
BRGH Bit ................................................................. 225
U
UA .................................................................................... 212
Update Address bit, UA ................................................... 212
USART
Asynchronous Mode ................................................ 230
12-bit Break Transmit and Receive ................. 236
Associated Registers, Receive ........................ 234
Associated Registers, Transmit ....................... 232
Auto-Wake-up on Sync Break ......................... 235
Receiver .......................................................... 233
Setting up 9-bit Mode with Address Detect ..... 233
Transmitter ...................................................... 230
Baud Rate Generator (BRG) ................................... 225
Associated Registers ....................................... 226
Auto-Baud Rate Detect .................................... 229
Baud Rate Error, Calculating ........................... 225
Baud Rates, Asynchronous Modes ................. 226
High Baud Rate Select (BRGH Bit) ................. 225
Power-Managed Mode Operation ................... 225
Sampling .......................................................... 225
Serial Port Enable (SPEN Bit) ................................. 221
Synchronous Master Mode ...................................... 237
Associated Registers, Reception ..................... 240
Associated Registers, Transmit ....................... 238
Reception ........................................................ 239
Transmission ................................................... 237
Synchronous Slave Mode ........................................ 241
Associated Registers, Receive ........................ 242
Associated Registers, Transmit ....................... 241
Reception ........................................................ 242
Transmission ................................................... 241
W
Watchdog Timer (WDT) ............................................267, 278
Associated Registers ............................................... 279
Control Register ....................................................... 278
During Oscillator Failure .......................................... 281
Programming Considerations .................................. 278
WCOL bit ......................................................................... 213
Write Collision Detect bit (WCOL) ................................... 213
WWW, On-Line Support ...................................................... 6
X
XORLW ............................................................................ 328
XORWF ........................................................................... 329



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com