Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 372 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 372 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 368Page - Microchip Technology PIC18F4331 Datasheet HTML 369Page - Microchip Technology PIC18F4331 Datasheet HTML 370Page - Microchip Technology PIC18F4331 Datasheet HTML 371Page - Microchip Technology PIC18F4331 Datasheet HTML 372Page - Microchip Technology PIC18F4331 Datasheet HTML 373Page - Microchip Technology PIC18F4331 Datasheet HTML 374Page - Microchip Technology PIC18F4331 Datasheet HTML 375Page - Microchip Technology PIC18F4331 Datasheet HTML 376Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 396 page
background image
PIC18F2331/2431/4331/4431
DS39616B-page 370
Preliminary
 2003 Microchip Technology Inc.
TABLE 25-21: A/D CONVERTER CHARACTERISTICS: PIC18F2331/2431/4331/4431 (INDUSTRIAL)
PIC18LF2331/2431/4331/4431 (INDUSTRIAL)
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
Device Supply
AVDD
Analog VDD Supply
VDD-0.3
—
VDD+0.3
V
AVSS
Analog VSS Supply
VSS-0.3
VSS+0.3
V
IAD
Module Current
(during conversion)
500
250
µA
µA
VDD = 5V
VDD = 2.5V
IADO
Module Current Off
1.0
µA
AC Timing Parameters
A10
FTHR
Throughput rate
—
—
200
75
ksps
ksps
VDD = 5V, single channel
VDD < 3V, single channel
A11
TAD
A/D Clock Period
385
1000
20,000
20,000
ns
VDD = 5V
VDD = 3V
A12
TRC
A/D Internal RC Oscillator Period
500
750
10000
1500
2250
20000
ns
ns
ns
PIC18F parts
PIC18LF parts
AVDD < 3.0V
A13
TCNV
Conversion Time(1)
12
12
12
TAD
A14
TACQ
Acquisition Time(2)
2(2)
TAD
A16
TTC
Conversion start from external
1/4 TCY
1Tcy
Reference Inputs
A20
VREF
Reference voltage for 10-bit
resolution
(VREF+ - VREF-)
1.5
1.8
—
—
AVDD-AVSS
AVDD-AVSS
V
V
VDD
≥ 3V
VDD < 3V
A21
VREFH
Reference voltage High
(AVDD or VREF+)
1.5V
—
AVDD
VVDD
≥ 3V
A22
VREFL
Reference voltage Low
(AVSS or VREF-)
AVSS
—VREFH-1.5V
V
A23
IREF
Reference Current
150µA
75µA
VDD = 5V
VDD = 2.5V
Analog Input Characteristics
A26
VAIN
Input Voltage(3)
AVSS-0.3
—
AVDD+0.3
V
A30
ZAIN
Recommended impedance of
analog voltage source
——
2.5
k
Ω
A31
ZCHIN
Analog channel input impedance
—
10.0
k
Ω
VDD = 3.0 V
DC Performance
A41
NR
Resolution
10 bits
—
A42
EIL
Integral Nonlinearity
—
—
<
±1LSb
VDD
≥ 3.0V
VREFH
≥ 3.0V
A43
EIL
Differential Nonlinearity
—
—
<
±1LSb
VDD
≥ 3.0V
VREFH
≥ 3.0V
A45
EOFF
Offset error
—
±0.5
<
±1.5
LSb
VDD
≥ 3.0V
VREFH
≥ 3.0V
A46
EGA
Gain error
—
±0.5
<
±1.5
LSb
VDD
≥ 3.0V
VREFH
≥ 3.0V
A47
—
Monotonicity(4)
guaranteed
—
VDD
≥ 3.0V
VREFH
≥ 3.0V
Note
1:
Conversion time does not include acquisition time. See Section 20.0 “10-bit High-Speed Analog-to-Digital Converter
(A/D) Module” for a full discussion of acquisition time requirements.
2:
In sequential modes, Tacq should be 12Tad or greater.
3:
For VDD < 2.7V and temperature below 0°C, VAIN should be limited to range < VDD/2.
4:
The A/D conversion result never decreases with an incraese in the input voltage, and has no missing codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com