Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 273 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 273 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 269Page - Microchip Technology PIC18F4331 Datasheet HTML 270Page - Microchip Technology PIC18F4331 Datasheet HTML 271Page - Microchip Technology PIC18F4331 Datasheet HTML 272Page - Microchip Technology PIC18F4331 Datasheet HTML 273Page - Microchip Technology PIC18F4331 Datasheet HTML 274Page - Microchip Technology PIC18F4331 Datasheet HTML 275Page - Microchip Technology PIC18F4331 Datasheet HTML 276Page - Microchip Technology PIC18F4331 Datasheet HTML 277Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 396 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS39616B-page 271
PIC18F2331/2431/4331/4431
REGISTER 22-4:
CONFIG3L: CONFIGURATION REGISTER 3 LOW (BYTE ADDRESS 300004h)
U-0
U
R/P-1
R/P-1
R/P-1
R/P-1
U
U
—
—T1OSCMX
HPOL
LPOL
PWMPIN
—
—
bit 7
bit 0
bit 7-6
Unimplemented: Read as ‘0’
bit 5
T1OSCMX: Timer1 Oscillator Mode bit
1
= Low power Timer1 operation when microcontroller is in Sleep mode.
0
= Standard (legacy) Timer1 oscillator operation.
bit 4
HPOL(1): High-Side Transistors Polarity bit (i.e., odd PWM output polarity control bit )
1
= PWM 1, 3, 5 and 7 are active-high (default)
0
= PWM 1, 3, 5 and 7 are active-low
bit 3
LPOL(1): Low-Side Transistors Polarity bit (i.e., even PWM output polarity control bit)
1
= PWM 0, 2, 4 and 6 are active-high (default)
0
= PWM 0, 2, 4 and 6 are active-low
bit 2
PWMPIN(2): PWM output pins Reset state control bit
1
= PWM outputs disabled upon Reset (default)
0
= PWM outputs drive active states upon Reset(3)
bit 1-0
Unimplemented: Read as ‘0’
Note 1: Polarity control bits HPOL and LPOL define PWM signal output active and inactive
states; PWM states generated by the fault inputs or PWM manual override.
2: PWM6 and PWM7 output channels are only available on the PIC18F4X21 devices.
3: When PWMPIN = 0, PWMEN<2:0> = 101 if device has eight PWM output pins (40
and 44-pin devices) and PWMEN<2:0> = 100 if the device has six PWM output pins
(28-pin device). PWM output polarity is defined by HPOL and LPOL.
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
- n = Value when device is unprogrammed
u = Unchanged from programmed state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com