Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 261 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 261 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 257Page - Microchip Technology PIC18F4331 Datasheet HTML 258Page - Microchip Technology PIC18F4331 Datasheet HTML 259Page - Microchip Technology PIC18F4331 Datasheet HTML 260Page - Microchip Technology PIC18F4331 Datasheet HTML 261Page - Microchip Technology PIC18F4331 Datasheet HTML 262Page - Microchip Technology PIC18F4331 Datasheet HTML 263Page - Microchip Technology PIC18F4331 Datasheet HTML 264Page - Microchip Technology PIC18F4331 Datasheet HTML 265Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 396 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS39616B-page 259
PIC18F2331/2431/4331/4431
TABLE 20-3:
SUMMARY OF A/D REGISTERS
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
INTCON
GIE/
GIEH
PEIE/
GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 0000
0000 0000
PIR1
PSPIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
0000 0000
PIE1
PSPIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
0000 0000
IPR1
PSPIP
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
1111 1111
1111 1111
PIR2
OSCFIF
CMIF
—
EEIF
BCLIF
LVDIF
TMR3IF
CCP2IF
00-0 0000
00-0 0000
PIE2
OSCFIE
CMIE
—
EEIE
BCLIE
LVDIE
TMR3IE
CCP2IE
00-0 0000
00-0 0000
IPR2
OSCFIP
CMIP
—
EEIP
BCLIP
LVDIP
TMR3IP
CCP2IP
11-1 1111
11-1 1111
ADRESH
A/D Result Register High Byte
xxxx xxxx
uuuu uuuu
ADRESL
A/D Result Register Low Byte
xxxx xxxx
uuuu uuuu
ADCON0
—
—
ACONV
ACMOD1
ACMOD0
CHS0
GO/DONE
ADON
00-1 0000
00-1 0000
ADCON1
VCFG1
VCFG0
—
FIFOEN
BFEMT
BFOVFL
ADPNT1
ADPNT0
--00 qqqq
--00 qqqq
ADCON2
ADFM
ACQT3
ACQT2
ACQT1
ACQT0
ADCS2
ADCS1
ADCS0
0-00 0000
0-00 0000
ADCON3
ADRS1
ADRS0
—
SSRC4
SSRC3
SSRC2
SSRC1
SSRC0
00-0 0000
00-0 0000
ADCHS
GDSEL1
GDSEL0
GBSEL1
GBSEL0
GCSEL1 GCSEL0
GASEL1
GASEL0
0000 0000
0000 0000
ANSEL0
ANS7(6)
ANS6(6)
ANS5(6)
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111
1111 1111
ANSEL1
—
—
—
—
—
—
—ANS8(5)
---- ---1
---- ---1
PORTA
RA7(4)
RA6(4)
RA5
RA4
RA3
RA2
RA1
RA0
--0x 0000
--0u 0000
TRISA
TRISA7(4) TRISA6(4) Data Direction Control Register for PORTA
--11 1111
--11 1111
PORTE(2)
—
—
—
—
RE3(1)
Read PORTE Pins, Write Late(4)
---- xxxx
---- uuuu
TRISE(3)
IBF
OBE
IBOV
PSPMODE
—
PORTE Data Direction
0000 -111
0000 -111
LATE(3)
—
—
—
—
PORTE Output Data Latch
---- -xxx
---- -uuu
Legend:
x
= unknown, u = unchanged, – = unimplemented, read as ‘0’, q = value depends on condition.
Shaded cells are not used for A/D conversion.
Note
1:
RE3 port bit is available only as an input pin when MCLRE bit in configuration register is ‘0’.
2:
This register is not implemented on PIC18F2X31 devices.
3:
These bits are not implemented on PIC18F2X31 devices.
4:
These pins may be configured as port pins depending on the Oscillator mode selected.
5:
ANS5 through ANS8 are available only on the PIC18F4X31 devices.
6:
Not available on 28-pin devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com