Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 253 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 253 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 249Page - Microchip Technology PIC18F4331 Datasheet HTML 250Page - Microchip Technology PIC18F4331 Datasheet HTML 251Page - Microchip Technology PIC18F4331 Datasheet HTML 252Page - Microchip Technology PIC18F4331 Datasheet HTML 253Page - Microchip Technology PIC18F4331 Datasheet HTML 254Page - Microchip Technology PIC18F4331 Datasheet HTML 255Page - Microchip Technology PIC18F4331 Datasheet HTML 256Page - Microchip Technology PIC18F4331 Datasheet HTML 257Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 396 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS39616B-page 251
PIC18F2331/2431/4331/4431
20.1
Configuring the A/D Converter
The A/D converter has two types of conversion, two
modes of operation and eight different sequencing
modes. These features are controlled by the ACONV
bit (ADCON0<5>), ACSH bit (ADCON0<4>) and
ACMOD<1:0> bits (ADCON0<3:2>). In addition, the
A/D channels are divided into four groups as defined
in
the ADCHS
register.
Table 20-1 shows
the
sequence configurations as controlled by ACSCH and
ACMOD<1:0>.
TABLE 20-1:
AUTO-CONVERSION SEQUENCE CONFIGURATIONS
20.1.1
CONVERSION TYPE
Two types of conversions exist in the high-speed 10-bit
A/D converter module that are selected using the
ACONV
bit.
Single-shot
mode
allows
a
single
conversion or sequence to be when ACONV = ‘0’. At
the end of the sequence, the GO/DONE bit will be
automatically cleared and the interrupt flag, ADIF, will
be set. When using Single-shot mode and configured
for Simultaneous mode, STNM2, acquisition time must
be used to ensure proper conversion of the analog
input signals.
Continuous Loop mode allows the defined sequence to
be executed in a continuous loop when ACONV = ‘1’.
In this mode, either the user can trigger the start of con-
version by setting the GO/DONE bit or one of the A/D
triggers can start the conversion. The interrupt flag
ADIF is set based on the configuration of the bits
ADRS<1:0> (ADCON3<7:6>). In simultaneous modes,
STNM1 and STNM2, acquisition time must be config-
ured to ensure proper conversion of the analog input
signals.
20.1.2
CONVERSION MODE
The ACSCH bit (ADCON0<4>) controls how many
channels are used in the configured sequence. When
clear, the A/D is configured for single channel conver-
sion
and
will
convert
the
group
selected
by
ACMOD<1:0> and channel selected by GxSEL<1:0>
(ADCHS). When ACSCH = ‘1’, the A/D is configured for
multiple channel conversion and the sequence is
defined by ACMOD<1:0>.
Mode
ACSCH
ACMOD
Description
Multi-Channel Sequential Mode1
(SEQM1)
100
Group A and B are sampled and converted
sequentially
Multi-Channel Sequential Mode2
(SEQM2)
101
Group A, B, C and D are sampled and converted
sequentially
Multi-Channel Simultaneous Mode1
(STNM1)
110
Group A and B are sampled simultaneously and
converted sequentially
Multi-Channel Simultaneous Mode2
(STNM2)
111
Group A and B are sampled simultaneously, then
converted sequentially. Then, Group C and D are
sampled simultaneously, then converted
sequentially.
Single Channel Mode1 (SCM1)
000
Group A is sampled and converted
Single Channel Mode2 (SCM2)
001
Group B is sampled and converted
Single Channel Mode3 (SCM3)
010
Group C is sampled and converted
Single Channel Mode4 (SCM4)
011
Group D is sampled and converted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com