Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 246 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 246 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 242Page - Microchip Technology PIC18F4331 Datasheet HTML 243Page - Microchip Technology PIC18F4331 Datasheet HTML 244Page - Microchip Technology PIC18F4331 Datasheet HTML 245Page - Microchip Technology PIC18F4331 Datasheet HTML 246Page - Microchip Technology PIC18F4331 Datasheet HTML 247Page - Microchip Technology PIC18F4331 Datasheet HTML 248Page - Microchip Technology PIC18F4331 Datasheet HTML 249Page - Microchip Technology PIC18F4331 Datasheet HTML 250Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 396 page
background image
PIC18F2331/2431/4331/4431
DS39616B-page 244
Preliminary
 2003 Microchip Technology Inc.
REGISTER 20-1:
ADCON0: A/D CONTROL REGISTER 0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
ACONV
ACSCH
ACMOD1
ACMOD0 GO/DONE
ADON
bit 7
bit 0
bit 7-6
Unimplemented: Read as ‘0’
bit 5
ACONV: Auto-Conversion Continuous Loop or Single-shot Mode Select bit
1
= Continuous Loop mode Enabled
0
= Single-shot mode Enabled
bit 4
ACSCH: Auto-Conversion Single or Multi-Channel mode bit
1
= Multi-Channel mode Enabled, Single Channel mode Disabled
0
= Single Channel mode Enabled, Multi-Channel mode Disabled
bit 3-2
ACMOD: Auto-Conversion mode Sequence Select bits
If ACSCH = 1:
00
=Sequential Mode1 (SEQM1). Two samples are taken in sequence:
1st sample: Group A
2nd sample: Group B
01
=Sequential Mode2 (SEQM2). Four samples are taken in sequence:
1st sample: Group A
2nd sample: Group B
3rd sample: Group C
4th sample: Group D
10
=Simultaneous Mode1 (STNM1). Two samples are taken simultaneously:
1st sample: Group A and Group B
11
=Simultaneous Mode2 (STNM2). Two samples are taken simultaneously:
1st sample: Group A and Group B
2nd sample: Group C and Group D
If ACSCH = 0, Auto-Conversion Single Channel Sequence mode enabled:
00
=Single Ch Mode1 (SCM1). Group A is taken and converted
01
=Single Ch Mode2 (SCM2). Group B is taken and converted
10
=Single Ch Mode3 (SCM3). Group C is taken and converted
11
=Single Ch Mode4 (SCM4). Group D is taken and converted
Note:
Group A, B, C, D refer to the ADCHS register.
bit 1
GO/DONE: A/D Conversion Status bit
1
= A/D conversion cycle in progress. Setting this bit starts the A/D conversion cycle. If Auto-
Conversion Single-shot mode is enabled (ACONV = 0), this bit is automatically cleared by
hardware when the A/D conversion (single or multi-channel depending on ACMOD settings)
has completed. If Auto-Conversion Continuous Loop mode is enabled (ACONV = 1), this bit
remains set after the user/trigger has set it (continuous conversions). It may be cleared
manually by the user to stop the conversions.
0
= A/D conversion or multiple conversions completed/not in progress
bit 0
ADON: A/D On bit
1
= A/D converter module is enabled (after brief power-up delay, starts continuous sampling)
0
= A/D converter module is disabled
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at Reset
‘1’ = bit is set
‘0’ = bit is cleared
x = bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com