Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE24M31 Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce STMPE24M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE24M31 Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button STMPE24M31 Datasheet HTML 40Page - STMicroelectronics STMPE24M31 Datasheet HTML 41Page - STMicroelectronics STMPE24M31 Datasheet HTML 42Page - STMicroelectronics STMPE24M31 Datasheet HTML 43Page - STMicroelectronics STMPE24M31 Datasheet HTML 44Page - STMicroelectronics STMPE24M31 Datasheet HTML 45Page - STMicroelectronics STMPE24M31 Datasheet HTML 46Page - STMicroelectronics STMPE24M31 Datasheet HTML 47Page - STMicroelectronics STMPE24M31 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 85 page
background image
PWM controller
STMPE16M31, STMPE24M31
44/85
Doc ID 16174 Rev 4
PWM_n_TRIG
PWM-N trigger register
Address:
0x43, 0x47, 0x4B, 0x4F, 0x53, 0x57, 0x5B, 0x5F
Type:
RW
Reset:
0x00
Description:
Setting of touch sensor-triggered PWM.
76
543
210
RESERVED
EN
TS_CH
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[7:6] RESERVED
[6:5] EN:
Write ‘1’ to enable touch sensor-triggered PWM function
Write ‘0’ to disable touch sensor-triggered PWM function
[4:0] TS_CH
Define the touch sensor channel which is set as trigger of the corresponding PWM channel.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85