| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE24M31 Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE24M31 Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 85 page ![]() PWM controller STMPE16M31, STMPE24M31 42/85 Doc ID 16174 Rev 4 PWM_n_CTRL PWM-n control register Address: 0x41, 0x45, 0x49, 0x4D, 0x51, 0x55, 0x59, 0x5D Type: RW Reset: 0x00 Description: Setting of ON/OFF period, repetition, and ON/OFF order. 76 543 210 Period 0 Period 1 Repetition Order RW RW RW RW RW RW RW RW 00 000 000 [7:6] Period 0 Define the ON time based on time unit set in PWM-N setup register ‘00’: 1 time unit ‘01’: 2 time unit ‘10’: 3 time unit ‘11’: 4 time unit [5:4] Period 1 Define the OFF time based on time unit set in PWM-N setup register ‘00’: No Off period ‘01’: 1 time unit ‘10’: 2 time unit ‘11’: 3 time unit [3:1] Repetition Set the repetition of programmed sequence (pair of period 0 and period 1) ‘000’: Infinite repetition ‘001’: Execute only one pair ‘010’: Execute 2 pairs ‘011’: Execute 3 pairs ‘100’: Execute 4 pairs ‘101’: Execute 5 pairs ‘110’: Execute 6 pairs ‘111’: Execute 7 pairs [0] Order Set the order of period 0 and period 1 ‘1’: sequence = period 1 and then period 0 ‘0’: sequence = period 0 and then period 1 Obsolete Product(s) - Obsolete Product(s) |