Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE24M31 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce STMPE24M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE24M31 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button STMPE24M31 Datasheet HTML 18Page - STMicroelectronics STMPE24M31 Datasheet HTML 19Page - STMicroelectronics STMPE24M31 Datasheet HTML 20Page - STMicroelectronics STMPE24M31 Datasheet HTML 21Page - STMicroelectronics STMPE24M31 Datasheet HTML 22Page - STMicroelectronics STMPE24M31 Datasheet HTML 23Page - STMicroelectronics STMPE24M31 Datasheet HTML 24Page - STMicroelectronics STMPE24M31 Datasheet HTML 25Page - STMicroelectronics STMPE24M31 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 85 page
background image
System controller
STMPE16M31, STMPE24M31
22/85
Doc ID 16174 Rev 4
7
System controller
The system controller contains the registers that control the following functions:
–
Device identification
–
Version identification
–
Power state management
–
Clock speed management
–
Clock gating to various modules
Table 9.
System controller registers
Address
Register name
Reset value
R/W
Description
0x00
CHIP_ID
0x2431
R
CHIP identification number
MSB: 0x24, LSB: 0x31
0x02
ID_VER
0x03
R
Version of device
0x03
SYSCON-1
0x00
RW
General system c
control
0x04
SYSCON-2
0xFE
RW
Sensor and PWM clock divider
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85