Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE24M31 Fiches technique(PDF) 84 Page - STMicroelectronics

No de pièce STMPE24M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE24M31 Fiches technique(HTML) 84 Page - STMicroelectronics

Back Button STMPE24M31 Datasheet HTML 77Page - STMicroelectronics STMPE24M31 Datasheet HTML 78Page - STMicroelectronics STMPE24M31 Datasheet HTML 79Page - STMicroelectronics STMPE24M31 Datasheet HTML 80Page - STMicroelectronics STMPE24M31 Datasheet HTML 81Page - STMicroelectronics STMPE24M31 Datasheet HTML 82Page - STMicroelectronics STMPE24M31 Datasheet HTML 83Page - STMicroelectronics STMPE24M31 Datasheet HTML 84Page - STMicroelectronics STMPE24M31 Datasheet HTML 85Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 84 / 85 page
background image
Revision history
STMPE16M31, STMPE24M31
84/85
Doc ID 16174 Rev 4
19
Revision history
Table 23.
Document revision history
Date
Revision
Changes
02-Nov-2009
1
Initial release.
08-Feb-2010
2
Document status promoted from preliminary data to datasheet.
Updated: low operating current values, Section 2, Section 7 and
Section 13.
12-Jan-2011
3
Updated: Section 2 , Table 19, Section 13.1, QFN40 (5x5 mm)
and QFN32 (4 x 4 mm) package mechanical data.
18-Apr-2011
4
Updated: Table 19
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85