| Moteur de recherche de fiches techniques de composants électroniques |
|
LSM330D Fiches technique(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM330D Fiches technique(HTML) 46 Page - STMicroelectronics |
|
46 / 66 page ![]() Register descriptions LSM330D 46/66 Doc ID 022562 Rev 2 8.9 OUT_X_L_A, OUT_X_H_A X-axis acceleration data. The value is expressed in two’s complement. 8.10 OUT_Y_L_A, OUT_Y_H_A Y-axis acceleration data. The value is expressed in two’s complement. 8.11 OUT_Z_L _A, OUT_Z_H_A Z-axis acceleration data. The value is expressed in two’s complement. 8.12 FIFO_CTRL_REG_A (2Eh) YOR Y axis data overrun. Default value: 0 (0: no overrun has occurred; 1: new data for the Y-axis has overwritten the previous data) XOR X axis data overrun. Default value: 0 (0: no overrun has occurred; 1: new data for the X-axis has overwritten the previous data) ZYXDA X, Y and Z axis new data available. Default value: 0 (0: a new set of data is not yet available; 1: a new set of data is available) ZDA Z axis new data available. Default value: 0 (0: new data for the Z-axis is not yet available; 1: new data for the Z-axis is available) YDA Y axis new data available. Default value: 0 (0: new data for the Y-axis is not yet available; 1: new data for the Y-axis is available) Table 36. STATUS_REG_A register description (continued) Table 37. FIFO_CTRL_REG_A register FM1 FM0 TR FTH4 FTH3 FTH2 FTH1 FTH0 Table 38. FIFO_CTRL_REG_A register description FM1-FM0 FIFO mode selection. Default value: 00 (see Table 39: FIFO mode configuration) TR Trigger selection. Default value: 0 0: Trigger event linked to trigger signal on INT1_A 1: Trigger event linked to trigger signal on INT2_A FTH4:0 Default value: 0 |