| Moteur de recherche de fiches techniques de composants électroniques |
|
LSM330D Fiches technique(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM330D Fiches technique(HTML) 58 Page - STMicroelectronics |
|
58 / 66 page ![]() Register descriptions LSM330D 58/66 Doc ID 022562 Rev 2 8.36 OUT_Y_L_G, OUT_Y_H_G Y-axis angular rate data. The value is expressed as two’s complement. 8.37 OUT_Z_L_G, OUT_Z_H_G Z-axis angular rate data. The value is expressed as two’s complement. 8.38 FIFO_CTRL_REG_G (2Eh) 8.39 FIFO_SRC_REG_G (2Fh) Table 88. FIFO_CTRL_REG_G register FM2 FM1 FM0 WTM4 WTM3 WTM2 WTM1 WTM0 Table 89. FIFO_CTRL_REG_G description FM2-FM0 FIFO mode selection. Default value: 00 (see Table 90) WTM4-WTM0 FIFO threshold. Watermark level setting Table 90. FIFO mode configuration FM2 FM1 FM0 FIFO mode 000Bypass mode 001FIFO mode 010Stream mode 011Stream-to-FIFO mode 100Bypass-to-stream mode Table 91. FIFO_SRC_REG_G register WTM OVRN EMPTY FSS4 FSS3 FSS2 FSS1 FSS0 Table 92. FIFO_SRC_REG_G description WTM Watermark status. (0: FIFO filling is lower than WTM level; 1: FIFO filling is equal or higher than WTM level) OVRN Overrun bit status. (0: FIFO is not completely filled; 1:FIFO is completely filled) |