| Moteur de recherche de fiches techniques de composants électroniques |
|
LSM330D Fiches technique(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM330D Fiches technique(HTML) 64 Page - STMicroelectronics |
|
64 / 66 page ![]() Package information LSM330D 64/66 Doc ID 022562 Rev 2 9 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. Figure 23. LGA-28L (3x5.5x1.0 mm) drawing Table 111. LGA-28L (3x5.5x1.0 mm) mechanical data Dim. mm Min. Typ. Max. A1 1 A2 0.785 A3 0.200 D1 2.850 3.000 3.150 E1 5.350 5.500 5.650 L1 4.050 L2 1.350 N1 0.450 M 0.060 0.100 0.140 P1 2.500 P2 1.250 T1 0.400 T2 0.250 d0.200 k0.050 B E E1 E1 (4x) (4x) A K D K E K K C D E A1 A1 A2 A2 A3 A3 seating plane seating plane N1 N1 L1 L1 T2 T2 P1 P1 BOTTOM VIEW BOTTOM VIEW 1 2 3 4 5 6 7 8 9 10 10 11 11 12 12 13 13 15 15 16 16 17 17 18 18 14 14 19 19 20 20 21 21 22 22 23 23 24 24 25 25 26 26 27 27 28 28 M == 8340949_B |