Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM330D Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce LSM330D
Description  Low power mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330D Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button LSM330D Datasheet HTML 26Page - STMicroelectronics LSM330D Datasheet HTML 27Page - STMicroelectronics LSM330D Datasheet HTML 28Page - STMicroelectronics LSM330D Datasheet HTML 29Page - STMicroelectronics LSM330D Datasheet HTML 30Page - STMicroelectronics LSM330D Datasheet HTML 31Page - STMicroelectronics LSM330D Datasheet HTML 32Page - STMicroelectronics LSM330D Datasheet HTML 33Page - STMicroelectronics LSM330D Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
Functionality
LSM330D
30/66
Doc ID 022562 Rev 2
Figure 12.
Edge-sensitive trigger
4.5
Factory calibration
The IC interface is factory calibrated for sensitivity and zero level. The trimming values are
stored in the device in non volatile memory. Any time the device is turned on, the trimming
parameters are downloaded to the registers to be used during normal operation. This allows
use of the device without further calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66