Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB3250 Fiches technique(PDF) 16 Page - Microchip Technology

No de pièce USB3250
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250 Fiches technique(HTML) 16 Page - Microchip Technology

Back Button USB3250 Datasheet HTML 12Page - Microchip Technology USB3250 Datasheet HTML 13Page - Microchip Technology USB3250 Datasheet HTML 14Page - Microchip Technology USB3250 Datasheet HTML 15Page - Microchip Technology USB3250 Datasheet HTML 16Page - Microchip Technology USB3250 Datasheet HTML 17Page - Microchip Technology USB3250 Datasheet HTML 18Page - Microchip Technology USB3250 Datasheet HTML 19Page - Microchip Technology USB3250 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
USB3250
DS00002142A-page 16
2013 - 2016 Microchip Technology Inc.
6.2
Hi-Speed Signaling Eye Patterns
Hi-Speed USB signals are characterized using eye patterns. For measuring the eye patterns 4 points have been defined
(see Figure 6-3). The Universal Serial Bus Specification Rev.2.0 defines the eye patterns in several 'templates'. The two
templates that are relevant to the PHY are shown below.
The eye pattern in Figure 6-4 defines the transmit waveform requirements for a hub (measured at TP2 of Figure 6-3) or
a device without a captive cable (measured at TP3 of Figure 6-3). The corresponding signal levels and timings are given
in Table 6-6. Time is specified as a percentage of the unit interval (UI), which represents the nominal bit duration for a
480 Mbit/s transmission rate.
FIGURE 6-3:
EYE PATTERN MEASUREMENT PLANES
USB
Transceiver
Device Circuit Board
Transceiver
Hub Circuit Board
Connector
Traces
Traces
A
Connector
B
TP1
TP2
TP3
TP4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46