| Moteur de recherche de fiches techniques de composants électroniques |
|
USB3250 Fiches technique(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB3250 Fiches technique(HTML) 38 Page - Microchip Technology |
|
38 / 46 page ![]() USB3250 DS00002142A-page 38 2013 - 2016 Microchip Technology Inc. 8.14 Application Diagram The bypass capacitors shown Figure 8-9 for the voltage regulator are typical values. The actual values will be dictated by the regulator used in the end application. Please refer to the layout application note for recommendations regarding critical component placement. FIGURE 8-8: DEVICE ATTACH BEHAVIOR TABLE 8-10: ATTACH AND RESET TIMING VALUES Timing Parameter Description Value T0 Vbus Valid. 0 (reference) T1 Maximum time from Vbus valid to when the device must signal attach. T0 + 100ms < T1 T2 (HS Reset T0) Debounce interval. The device now enters the HS Detection Handshake protocol. T1 + 100ms < T2 Device Reset Idle (FS 'J') XCVRSELECT DP/DM TERMSELECT T2 SE0 T0 time HS Detection Handshake V BUS T1 |