Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB84604 Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Fiches technique(HTML) 19 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 15Page - Microchip Technology USB84604 Datasheet HTML 16Page - Microchip Technology USB84604 Datasheet HTML 17Page - Microchip Technology USB84604 Datasheet HTML 18Page - Microchip Technology USB84604 Datasheet HTML 19Page - Microchip Technology USB84604 Datasheet HTML 20Page - Microchip Technology USB84604 Datasheet HTML 21Page - Microchip Technology USB84604 Datasheet HTML 22Page - Microchip Technology USB84604 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
 2014-2016 Microchip Technology Inc.
DS60001295C-page 19
USB84604
3.1
Pin Assignments
If the pin assignment is different for the firmware revisions (1070, 1080), it is mentioned within the table.
TABLE 3-2:
48-QFN PACKAGE PIN ASSIGNMENTS
Pin Num
Pin Name
Pin Num
Pin Name
1
VBAT
25
SPI_CE_N
2
VDDCR12
26
SPI_DO/SPI_SPD_SEL/PIO5
3
USBDN1_DM/PRT_DIS_M1
27
SPI_CLK/PIO4
4
USBDN1_DP/PRT_DIS_P1
28
UART_RX/OCS3_N/PIO19
5
USBDN2_DM/PRT_DIS_M2
29
PRTPWR4/PIO44
6
USBDN2_DP/PRT_DIS_P2
30
UART_TX/OCS4_N/PIO20
7
VDDCR12
31
SDA/SMBDATA/PIO45
8
USBDN3_DM/PRT_DIS_M3
32
VDD33
9
USBDN3_DP/PRT_DIS_P3
33
SCL/SMBCLK/PIO2
10
USBDN4_DM/PRT_DIS_M4
34
1070, 1080: PIO10
11
USBDN4_DP/PRT_DIS_P4
35
RESET_N
12
VDDA33
36
VBUS_DET/PIO16
13
SOF/PIO1
37
VDDA33
14
1070, 1080: SUSPEND/PIO0
38
VDD12
15
1070, 1080: PRTPWR1/PIO41
39
FLEX_HSIC_UP_STROBE
16
1070, 1080: OCS1_N/PIO17
40
FLEX_USBUP_DM/PRT_DIS_M0
17
VDDCR12
41
FLEX_USBUP_DP/PRT_DIS_P0
18
VDD33
42
FLEX_HSIC_UP_DATA
19
PRTPWR2/PIO42
43
XTAL2
20
OCS2_N/PIO18
44
XTAL1/REFCLK
21
PRTPWR3/PIO43
45
NC
22
1070, 1080: PIO3
46
RBIAS
23
1070, 1080: PIO8
47
VDDCOREREG
24
SPI_DI/PIO9
48
VDDA33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61