Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB84604 Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Fiches technique(HTML) 18 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 14Page - Microchip Technology USB84604 Datasheet HTML 15Page - Microchip Technology USB84604 Datasheet HTML 16Page - Microchip Technology USB84604 Datasheet HTML 17Page - Microchip Technology USB84604 Datasheet HTML 18Page - Microchip Technology USB84604 Datasheet HTML 19Page - Microchip Technology USB84604 Datasheet HTML 20Page - Microchip Technology USB84604 Datasheet HTML 21Page - Microchip Technology USB84604 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
USB84604
DS60001295C-page 18
 2014-2016 Microchip Technology Inc.
Note 2: Configuration strap values are latched on Power-On Reset (POR) and the rising edge of RESET_N (exter-
nal chip reset). Configuration straps are identified by an underlined symbol name. Signals that function as
configuration straps must be augmented with an external resistor when connected to a load. Refer to Sec-
tion 6.3, "Device Configuration Straps," on page 29 for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61