Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB84604 Fiches technique(PDF) 56 Page - Microchip Technology

No de pièce USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Fiches technique(HTML) 56 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 52Page - Microchip Technology USB84604 Datasheet HTML 53Page - Microchip Technology USB84604 Datasheet HTML 54Page - Microchip Technology USB84604 Datasheet HTML 55Page - Microchip Technology USB84604 Datasheet HTML 56Page - Microchip Technology USB84604 Datasheet HTML 57Page - Microchip Technology USB84604 Datasheet HTML 58Page - Microchip Technology USB84604 Datasheet HTML 59Page - Microchip Technology USB84604 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
USB84604
DS60001295C-page 56
 2014-2016 Microchip Technology Inc.
APPENDIX B: TERMS AND ACRONYMS
The following is a list of general terms and acronyms used throughout this document:
Acronym
Description
2DFU
Device firmware upgrade
EOP
End of Packet
EP
Endpoint
FS
Full-Speed
GPIO
General Purpose I/O (that is input/output to/from the device)
HMI
Human Machine Interface
HS
Hi-Speed
HSOS
High Speed Over Sampling
HSIC
High-Speed Inter-Chip
Hub Controller
It is an internal part of the chip. It adds advanced functionality (e.g., control of bridging,
GPIO etc) to the (refer to page 5).
I2C
Inter-Integrated Circuit
LS
Low-Speed
MTT
Multi-Transaction Translator
OCS
Over-Current Sense
OTP
One Time Programmable
PCB
Printed Circuit board
PCS
Physical Coding Sublayer
PHY
Physical Layer
PIO
General Purpose I/O (that is internal to the device)
POR
Power On Reset
SDK
Software Development Kit
SMBus
System Management Bus
SPI
Serial Peripheral Interface
SQFN
Square Quad Flat No-Lead
TT
Transaction Translator
UCH
USB Controller Hub
USB Controller
Hub
USB Hub that has an embedded microcontroller to enable enhanced features.
UUID
Universally Unique IDentification
VSM
Vendor Specific Messaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com