Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB84604 Fiches technique(PDF) 24 Page - Microchip Technology

No de pièce USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Fiches technique(HTML) 24 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 20Page - Microchip Technology USB84604 Datasheet HTML 21Page - Microchip Technology USB84604 Datasheet HTML 22Page - Microchip Technology USB84604 Datasheet HTML 23Page - Microchip Technology USB84604 Datasheet HTML 24Page - Microchip Technology USB84604 Datasheet HTML 25Page - Microchip Technology USB84604 Datasheet HTML 26Page - Microchip Technology USB84604 Datasheet HTML 27Page - Microchip Technology USB84604 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
USB84604
DS60001295C-page 24
 2014-2016 Microchip Technology Inc.
FIGURE 5-1:
HUB OPERATIONAL MODE FLOWCHART
YES
NO
Combine OTP
Config Data
SOC Done?
Config Load
From Internal ROM
External
SPI ROM
present?
YES
NO
Run from
Internal ROM
Run From
External SPI ROM
Do SMBus or I2C
Initialization
SW Upstream
BC detection
(CHGDET)
Hub Connect
(Hub.Connect)
(HUB_CFG)
NO
(SOC_CFG)
(SW_INIT)
NORMAL
operation
SMBus or I2C
Present?
YES
(HW_INIT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61