| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F401CCU6TR Fiches technique(PDF) 89 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401CCU6TR Fiches technique(HTML) 89 Page - STMicroelectronics |
|
89 / 135 page ![]() Electrical characteristics STM32F401xB STM32F401xC 89/135 DocID024738 Rev 6 Note: It is recommended to add a Schottky diode (pin to ground) to analog pins which may potentially inject negative currents. 6.3.16 I/O port characteristics General input/output characteristics Unless otherwise specified, the parameters given in Table 54 are derived from tests performed under the conditions summarized in Table 14. All I/Os are CMOS and TTL compliant. Table 53. I/O current injection susceptibility(1) 1. NA = not applicable . Symbol Description Functional susceptibility Unit Negative injection Positive injection IINJ Injected current on BOOT0 pin –0 NA mA Injected current on NRST pin –0 NA Injected current on PB3, PB4, PB5, PB6, PB7, PB8, PB9, PC13, PC14, PC15, PH1, PDR_ON, PC0, PC1,PC2, PC3, PD1, PD5, PD6, PD7, PE0, PE2, PE3, PE4, PE5, PE6 –0 NA Injected current on any other FT pin –5 NA Injected current on any other pins –5 +5 Table 54. I/O static characteristics Symbol Parameter Conditions Min Typ Max Unit VIL FT, and NRST I/O input low level voltage 1.7 V≤VDD≤3.6 V - - 0.35VDD–0.04(1) V 0.3VDD(2) BOOT0 I/O input low level voltage 1.75 V≤VDD ≤3.6 V, -40 °C≤TA ≤105 °C -- 0.1VDD+0.1 1.7 V≤VDD ≤3.6 V, 0°C≤TA ≤105 °C -- VIH FT and NRST I/O input high level voltage(5) 1.7 V≤VDD≤3.6 V 0.7VDD(1) -- V BOOT0 I/O input high level voltage 1.75 V≤VDD ≤3.6 V, -40 °C≤TA ≤105 °C 0.17VDD+0.7(2) -- 1.7 V≤VDD ≤3.6 V, 0°C≤TA ≤105 °C |