| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F401CCU6TR Fiches technique(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401CCU6TR Fiches technique(HTML) 74 Page - STMicroelectronics |
|
74 / 135 page ![]() DocID024738 Rev 6 74/135 STM32F401xB STM32F401xC Electrical characteristics 113 6.3.8 External clock source characteristics High-speed external user clock generated from an external source In bypass mode the HSE oscillator is switched off and the input pin is a standard I/O. The external clock signal has to respect the Table 54. However, the recommended clock input waveform is shown in Figure 22. The characteristics given in Table 35 result from tests performed using an high-speed external clock source, and under ambient temperature and supply voltage conditions summarized in Table 14. Low-speed external user clock generated from an external source In bypass mode the LSE oscillator is switched off and the input pin is a standard I/O. The external clock signal has to respect the Table 54. However, the recommended clock input waveform is shown in Figure 23. The characteristics given in Table 36 result from tests performed using an low-speed external clock source, and under ambient temperature and supply voltage conditions summarized in Table 14. Table 35. High-speed external user clock characteristics Symbol Parameter Conditions Min Typ Max Unit fHSE_ext External user clock source frequency(1) 1- 50 MHz VHSEH OSC_IN input pin high level voltage 0.7VDD -VDD V VHSEL OSC_IN input pin low level voltage VSS -0.3VDD tw(HSE) tw(HSE) OSC_IN high or low time(1) 1. Guaranteed by design. 5- - ns tr(HSE) tf(HSE) OSC_IN rise or fall time(1) -- 10 Cin(HSE) OSC_IN input capacitance(1) -5 - pF DuCy(HSE) Duty cycle 45 - 55 % IL OSC_IN Input leakage current VSS ≤VIN ≤VDD -- ±1 µA |