| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F401CCU6TR Fiches technique(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401CCU6TR Fiches technique(HTML) 73 Page - STMicroelectronics |
|
73 / 135 page ![]() Electrical characteristics STM32F401xB STM32F401xC 73/135 DocID024738 Rev 6 6.3.7 Wakeup time from low-power modes The wakeup times given in Table 34 are measured starting from the wakeup event trigger up to the first instruction executed by the CPU: • For Stop or Sleep modes: the wakeup event is WFE. • WKUP (PA0) pin is used to wakeup from Standby, Stop and Sleep modes. All timings are derived from tests performed under ambient temperature and VDD=3.3 V. APB2 (up to 84MHz) TIM1 5.71 µA/MHz TIM9 2.86 TIM10 1.79 TIM11 2.02 ADC1(2) 2.98 SPI1 1.19 USART1 3.10 USART6 2.86 SDIO 5.95 SPI4 1.31 SYSCFG 0.71 1. I2SMOD bit set in SPI_I2SCFGR register, and then the I2SE bit set to enable I2S peripheral. 2. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.6 mA for the analog part. Table 33. Peripheral current consumption (continued) Peripheral IDD (typ) Unit Table 34. Low-power mode wakeup timings(1) Symbol Parameter Min(1) Typ(1) Max(1) Unit tWUSLEEP(2) Wakeup from Sleep mode - 4 6 CPU clock cycle tWUSTOP(2) Wakeup from Stop mode, usage of main regulator - 13.5 14.5 µs Wakeup from Stop mode, usage of main regulator, Flash memory in Deep power down mode -105 111 Wakeup from Stop mode, regulator in low power mode - 21 33 Wakeup from Stop mode, regulator in low power mode, Flash memory in Deep power down mode - 113 130 tWUSTDBY(2)(3) Wakeup from Standby mode - 314 407 µs 1. Guaranteed by characterization. 2. The wakeup times are measured from the wakeup event to the point in which the application code reads the first instruction. 3. tWUSTDBY maximum value is given at –40 °C. |