| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F401CCU6TR Fiches technique(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401CCU6TR Fiches technique(HTML) 68 Page - STMicroelectronics |
|
68 / 135 page ![]() DocID024738 Rev 6 68/135 STM32F401xB STM32F401xC Electrical characteristics 113 Table 27. Typical and maximum current consumptions in Stop mode - VDD=1.8 V Symbol Parameter Conditions Typ Max(1) Unit TA = 25 °C TA = 25 °C TA = 85 °C TA = 105 °C IDD_STOP Main regulator usage Flash in Stop mode, all oscillators OFF, no independent watchdog 109 135 440 650 µA Low power regulator usage 41 65 310 530(2) Main regulator usage Flash in Deep power down mode, all oscillators OFF, no independent watchdog 72 95 345 530 Low power regulator usage 12 36 260 510(2) Low power low voltage regulator usage 10 27 230 460 1. Guaranteed by characterization. 2. Guaranteed by test in production. Table 28. Typical and maximum current consumption in Stop mode - VDD=3.3 V Symbol Parameter Conditions Typ Max(1) Unit TA = 25 °C TA = 25 °C TA = 85 °C TA = 105 °C IDD_STOP Main regulator usage Flash in Stop mode, all oscillators OFF, no independent watchdog 111 140 450 670 µA Low power regulator usage 42 65 330 560 Main regulator usage Flash in Deep power down mode, all oscillators OFF, no independent watchdog 73 100 360 560 Low power regulator usage 12 36 270 520 Low power low voltage regulator usage 10 28 230 470 1. Guaranteed by characterization. Table 29. Typical and maximum current consumption in Standby mode - VDD=1.8 V Symbol Parameter Conditions Typ(1) Max(2) Unit TA = 25 °C TA = 25 °C TA = 85 °C TA = 105 °C IDD_STBY Supply current in Standby mode Low-speed oscillator (LSE) and RTC ON 2.4 4.0 12.0 24.0 µA RTC and LSE OFF 1.8 3.0(3) 11.0 23.0(3) 1. When the PDR is OFF (internal reset is OFF), the typical current consumption is reduced by 1.2 µA. 2. Guaranteed by characterization, unless otherwise specified. 3. Guaranteed by test in production. |