Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM8313 Fiches technique(PDF) 70 Page - PMC-Sierra, Inc

No de pièce PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PMC [PMC-Sierra, Inc]
Site Internet  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Fiches technique(HTML) 70 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 66Page - PMC-Sierra, Inc PM8313 Datasheet HTML 67Page - PMC-Sierra, Inc PM8313 Datasheet HTML 68Page - PMC-Sierra, Inc PM8313 Datasheet HTML 69Page - PMC-Sierra, Inc PM8313 Datasheet HTML 70Page - PMC-Sierra, Inc PM8313 Datasheet HTML 71Page - PMC-Sierra, Inc PM8313 Datasheet HTML 72Page - PMC-Sierra, Inc PM8313 Datasheet HTML 73Page - PMC-Sierra, Inc PM8313 Datasheet HTML 74Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
60
LINEAIS[1:0]
AIS Transmitted
00
none
01
Framed, repetitive 1010… pattern with C-bits
forced to logic 0
10
Framed, repetitive 1111… pattern with C-bits
forced to logic 0
11
Unframed, all-ones pattern
The LINEAIS[1:0]= 01 option is compatible with TR-TSY-000009 Section 3.7
objectives. If the intention is to loopback the AIS, the AIS bit in the DS3 TRAN
Configuration Register should be written instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More