| Moteur de recherche de fiches techniques de composants électroniques |
|
PM8313 Fiches technique(PDF) 55 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM8313 Fiches technique(HTML) 55 Page - PMC-Sierra, Inc |
|
55 / 192 page ![]() PM8313 D3MX DATA SHEET PMC-920702 ISSUE 5 M13 MULTIPLEXER 45 Figure 3 - DS3 Line Loopback M X 12 #7 F R M R M X 12 #6 F R M R M X 12 #5 F R M R M X 12 #4 F R M R M X 12 #3 F R M R M X 12 #2 F R M R DS3 FR M R DS3 TR A N MX 2 3 M X 12 #1 F R M R RC LK R POS/ RD AT RN EG / RLC V TC LK T POS/ T DAT T NEG/ TM F P DS2/G.747 Demultiplex Loopback allows each of the seven demultiplexed DS2 or G.747 streams to be looped back into the MX23 and multiplexed up into the transmit DS3 stream, overriding the tributary DS2 stream coming from the MX12. This loopback mode is shown diagrammatically, below: Figure 4 - DS2/G.747 Demultiplex Loopback M X 12 #7 F R M R M X 12 #6 F R M R M X 12 #5 F R M R M X 12 #4 F R M R M X 12 #3 F R M R M X 12 #2 F R M R DS3 FR M R DS3 TR A N MX 2 3 M X 12 #1 F R M R RCL K RPOS / RD A T RN E G / RLC V TCL K TPOS / TD AT TN E G / TM FP O p tional DEM U X A IS Inse rtio n D S 2/G .74 7 T ributa ry L o op ba ck p a th |