| Moteur de recherche de fiches techniques de composants électroniques |
|
PM8313 Fiches technique(PDF) 64 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM8313 Fiches technique(HTML) 64 Page - PMC-Sierra, Inc |
|
64 / 192 page ![]() PM8313 D3MX DATA SHEET PMC-920702 ISSUE 5 M13 MULTIPLEXER 54 Register 01H: Revision/Global PMON Update Bit Type Function Default Bit7 R ID7 0 Bit6 R ID6 0 Bit5 R ID5 0 Bit4 R ID4 0 Bit3 R ID3 0 Bit2 R ID2 0 Bit1 R ID1 0 Bit0 R ID0 0 The Revision/Global PMON Update Register is provided at D3MX read/write address 01H. ID[7:0] The version identification bits ID[7:0], are set to a fixed value representing the version number of the D3MX. These bits can be read by software to determine the version number. Writing to this register causes all performance monitor counters (DS3 and DS2/G.747) to be updated simultaneously. |