| Moteur de recherche de fiches techniques de composants électroniques |
|
PM8313 Fiches technique(PDF) 34 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM8313 Fiches technique(HTML) 34 Page - PMC-Sierra, Inc |
|
34 / 192 page ![]() PM8313 D3MX DATA SHEET PMC-920702 ISSUE 5 M13 MULTIPLEXER 24 Pin Name Type Pin No. Function TD1DAT1 TD1DAT2 TD1DAT3 TD1DAT4 TD1DAT5 TD1DAT6 TD1DAT7 TD1DAT8 TD1DAT9 TD1DAT10 TD1DAT11 TD1DAT12 TD1DAT13 TD1DAT14 TD1DAT15 TD1DAT16 TD1DAT17 TD1DAT18 TD1DAT19 TD1DAT20 TD1DAT21 TD1DAT22 TD1DAT23 TD1DAT24 TD1DAT25 TD1DAT26 TD1DAT27 TD1DAT28 Input 203 196 190 184 179 174 169 162 158 154 150 145 141 136 130 126 120 115 109 105 101 97 90 86 81 75 70 65 The transmit DS1 data (TD1DAT[28:1]) signals carry the 28 DS1 streams to be multiplexed. The TD1DAT[28:1] inputs are sampled on the rising edges of the corresponding TD1CLK[28:1] signals. When the internal M12 multiplexers are configured for G.747 multiplexing, every fourth TD1DAT signal (TD1DAT4, 8, 12, 16, 20, 24, 28) is unused and ignored. The remaining TD1DAT signals should then nominally be 2.048 Mbit/s data streams. When the internal M12 multiplexers are bypassed, every fourth TD1DAT signal (TD1DAT4, 8, 12, 16, 20, 24, 28) may become a DS2 rate data stream operating at nominally 6.312 Mbit/s. The remaining TD1DAT signals for the particular M12 multiplexer bypassed are then unused and ignored. The internal M12 multiplexers may be bypassed or configured for G.747 multiplexing on an individual basis. Thus the configuration of each of the seven blocks of four TD1DAT signals is independently programmable. |