| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP1632-AAE/MS Fiches technique(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP1632-AAE/MS Fiches technique(HTML) 15 Page - Microchip Technology |
|
15 / 34 page ![]() 2013 Microchip Technology Inc. DS20005254A-page 15 MCP1632 FIGURE 4-3: Slope Compensation Signal (CS) Pin. 4.7 Reference Voltage Generator The internal precision constant current generator and an external resistor connected between the VREF pin and GND form the reference voltage generator. Refer to Figure 4-4 for details. Optionally, a capacitor (CSS) can be connected in parallel with RVREF to activate the soft start function that will minimize overshoots of the output voltage during start-up. The equations in Figure 4-4 calculate the value of the resistor (RVREF) for a given reference voltage and the value of the soft start capacitor (CSS) based on the necessary time to reach 90% of the final value for VREF. An internal circuit of the MCP1632 device will discharge the capacitor during the shutdown period. This capacitor must be of good quality, with low leakage currents, in order to avoid any errors that can affect the reference voltage. The reference voltage should not exceed 80% of the bias input voltage (VIN pin) in order to avoid any errors that affect the internal constant current generator. An external low-noise, low-impedance source can be used to overdrive the VREF pin in order to control the reference voltage. In this case, the resistor/capacitor group connected to GND is not necessary, and the soft start profile must be controlled by the external reference voltage generator. FIGURE 4-4: Reference Voltage Generator. 4.8 Internal Oscillator The MCP1632 PWM controller provides two (orderable) switching frequency options: 300 kHz and 600 kHz. 4.9 Undervoltage Lockout (UVLO) When the input voltage (VIN) is less than the UVLO threshold, the VEXT is held in low state. This will ensure that, if the voltage is not adequate to power the MCP1632 device, the main power supply switch will be held in off state. In order to prevent oscillations when the input voltage is near the UVLO threshold, the UVLO circuit offers 100 mV (typical) hysteresis. Typically, the MCP1632 device will not start until the input voltage at VIN is between 2.8V and 2.9V (typical). 4.10 Overtemperature Protection To protect the VEXT output if shorted to VIN or GND, the VEXT output of the MCP1632 device will be high-impedance if the junction temperature is above the thermal shutdown threshold. An internal 10 k pull-down resistor is connected from VEXT to ground to provide some pull-down during overtemperature conditions. The protection is set to 150°C (typical), with a hysteresis of 20°C. Slope V PP 0.9 V PP R SLOPE R SLOPE R G + -------------------------------------- = DC LOW V 0.32 V R SLOPE R SLOPE R G + -------------------------------------- = DC HIGH V 1.22 V R SLOPE R SLOPE R G + -------------------------------------- = Amplitude (V) Slope (V) Time DCLOW DCHIGH R VREF V REF V 50 A ------------------------ = C SS F ts 2.3 R VREF ------------------------------------------- = VREF VIN 50 μA VREF RVREF CSS Time(s) VREF 0.9*VREF Amplitude (V) |